PART |
Description |
Maker |
S29GL032N90TFI040 S29GL032N90TFI042 S29GL032N90TFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION
|
AT52BR1664A AT52BR1664AT AT52BR1664A-90CI AT52BR16 |
16-megabit Flash 4-megabit SRAM Stack Memory
|
ATMEL Corporation
|
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
SST49LF020-33-4C-WH SST49LF020-33-4C-NH SST49LF020 |
2 Megabit LPC Flash 2兆位LPC闪光 2 Megabit LPC Flash 256K X 8 FLASH 3V PROM, 11 ns, PDSO32 2 Megabit LPC Flash 256K X 8 FLASH 3V PROM, 11 ns, PQCC32
|
Silicon Storage Technol... Microchip Technology, Inc. Silicon Storage Technology, Inc.
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|